PART |
Description |
Maker |
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PQ1CY1032ZXH PQ1CY1032ZPH PQ1CY1032ZZH |
Maximum switching current: 3.5A To-263 Surface Mount Type Chopper Regulator 3.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PSSO5
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] SHARP ELECTRONICS CORP
|
L6902D04 L6902D013TR L6902D E-L6902D |
3.2 A SWITCHING REGULATOR, 287 kHz SWITCHING FREQ-MAX, PDSO8 UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
STMICROELECTRONICS[STMicroelectronics]
|
MIC2570 MIC2570-1B MIC2570-2B MIC2570-2BM MIC2570- |
Two-Cell Switching Regulator Preliminary Information 1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
MC33363APG |
High Voltage Switching Regulator 1.5 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP16
|
ON Semiconductor
|
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LM257509 LM2575-12WT LM2575-5.0BWMTAMPR MICRELINC- |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24
|
Micrel Semiconductor, Inc. MICREL INC
|
LTC1504A LTC1504AC LTC1504ACS8 LTC1504ACS8-3.3 LTC |
Hex 2-Line To 1-Line Universal Multiplexers With 3-State Outputs 24-PDIP 0 to 70 1 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 500mA Low Voltage Step-Down Synchronous Switching Regulator
|
Linear Technology, Corp.
|
BA9707KV BA9707 A5800933 |
Regulator LSIs > Switching regulator 4-channel switching regulator From old datasheet system
|
ROHM[Rohm]
|